Part Number Hot Search : 
BOE100 AT1452BP 31ACD 2375AD LH2108A MB13CA AS19H UP03396
Product Description
Full Text Search
 

To Download 108477096005026 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  59 male style r series 8477 ?3 rows (3 x 32) inverted contact design part number and number of performance classes according to din 41612 te rmination length contacts loading description ii i 96 a + b + c fully loaded 10 8477 096 001 025 10 8477 096 001 049 64 a + c fully loaded 10 8477 096 001 026 10 8477 096 001 050 32 a + c even loading 10 8477 096 001 033 10 8477 096 001 057 2.9 mm (y) 32 a loading only 10 8477 096 001 027 10 8477 096 001 051 straight 94 + 2 fully loaded + ground 10 8477 096 101 025 10 8477 096 101 049 96 a + b + c fully loaded 10 8477 096 002 025 10 8477 096 002 049 64 a + c fully loaded 10 8477 096 002 026 10 8477 096 002 050 32 a + c even loading 10 8477 096 002 033 10 8477 096 002 057 4.5 mm (y) 32 a loading only 10 8477 096 002 027 10 8477 096 002 051 straight 94 + 2 fully loaded + ground 10 8477 096 102 025 10 8477 096 102 049 96 a + b + c fully loaded 10 8477 096 005 025 10 8477 096 005 049 64 a + c fully loaded 10 8477 096 005 026 10 8477 096 005 050 9.5 mm (y) 32 a + c even loading 10 8477 096 005 033 10 8477 096 005 057 straight 32 a loading only 10 8477 096 005 027 10 8477 096 005 051 96 a + b + c fully loaded 10 8477 096 006 025 10 8477 096 006 049 64 a + c fully loaded 10 8477 096 006 026 10 8477 096 006 050 32 a + c even loading 10 8477 096 006 033 10 8477 096 006 057 13.0 mm (y) 32 a loading only 10 8477 096 006 027 10 8477 096 006 051 straight 94 + 2 fully loaded + ground 10 8477 096 106 025 10 8477 096 106 049 96 a + b + c fully loaded 10 8477 096 007 025 10 8477 096 007 049 64 a + c fully loaded 10 8477 096 007 026 10 8477 096 007 050 14.9 mm (y) 32 a + c even loading 10 8477 096 007 033 10 8477 096 007 057 straight 32 a loading only 10 8477 096 007 027 10 8477 096 007 051 96 a + b + c fully loaded 10 8477 096 009 025 10 8477 096 009 049 64 a + c fully loaded 10 8477 096 009 026 10 8477 096 009 050 8.8, 11.5, 8.8 mm (y) 32 a + c even loading 10 8477 096 009 033 10 8477 096 009 057 solder hole 32 a loading only 10 8477 096 009 027 10 8477 096 009 051 96 a + b + c fully loaded 10 8477 096 010 025 10 8477 096 010 049 64 a + c fully loaded 10 8477 096 010 026 10 8477 096 010 050 7.5, 10.2, 7.5 mm (y) 32 a + c even loading 10 8477 096 010 033 10 8477 096 010 057 solder loop 32 a loading only 10 8477 096 010 027 10 8477 096 010 051 no. contact contact positions rows a b c d e f 96 3 (3 x 32) 31 78.74 85.29 87.91 89.99 94.89 (3.100) (3.358) (3.461) (3.543) (3.736) 32 contacts, r ows a + c even loading ??? c ????? b ??? a 64 contacts, r ows a + c fully loaded c ????? b a 96 contacts, r ows a + b + c fully loaded c b a 32 contacts, row a loading only ????? c ????? b a 94 + 2 contacts, fully loaded with ground in a1 & a32 c b a denotes ground pin dimensions loading description nb: alternative prefix variations available: 12, 14, 15, 16 & 17, please refer to page 10. additional plating & loading variations: please contact your local avx sales office or distributor. unit: millimeters (inches) f e hole pattern row a row c e row a row b c keying 1 d y 1 row b row c 8.74 [0.344] 11.0 [0.433] 2.80 [0.110] dia. 0.30 [0.012] 11.0 [0.433] 13.6 [0.535] for y dimension see contact design ground contact a eq sp @ 2.54 [0.100] = b 2.54 [0.100] 1.02 [0.040] dia. 0.30 [0.012] 2.84 [0.112] dia. a eq sp @ 2.54 [0.100] = b


▲Up To Search▲   

 
Price & Availability of 108477096005026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X